PART |
Description |
Maker |
LC66356B LC662312A LC662316A LC66P2516 LC66516B LC |
Four-Bit Single-Chip Microcontrollers with 4, 6, and 8 KB of On-Chip ROM 四位单片机与4,6微控制器 KB的片上ROM Four-Bit Single-Chip Microcontrollers with 4/ 6/ 8/ 12/ and 16 KB of On-Chip ROM 4-Bit Microcontroller Microcontroller 微控制器 Four-Bit Single-Chip Microcontrollers with 4/6/and 8 Four-Bit Single-Chip Microcontrollers with 8 12 and 16 KB of On-Chip ROM Four-Bit Single-Chip Microcontrollers with 4 6 8 12 and 16 KB of On-Chip ROM Four-Bit Single-Chip Microcontrollers with 4, 6, 8, 12, and 16 KB of On-Chip ROM Four-Bit Single-Chip Microcontrollers with 4 6 and 8 KB of On-Chip ROM Four-Bit Single-Chip Microcontroller with 16 KB of On-Chip EPROM Four-Bit Single-Chip Microcontroller with 16 KB of On-Chip OTP PROM 12 and 16-kbyte on-chip ROM capacities CMOS 4-bit single-chip microcontrollers
|
Sanyo Electric Co., Ltd. Eutech Microelectronics, Inc. SANYO[Sanyo Semicon Device] http://
|
BLM31PG601SN1L BLM31PG601SN1B BLM31PG330SN1L |
FERRITE CHIP 600 OHM 1500MA 1206 1 FUNCTIONS, 1.5 A, FERRITE CHIP IND, FER BEAD, 1.5A, 0.09DCR 1 FUNCTIONS, 1.5 A, FERRITE CHIP Chip EMIFILr Inductor Type Chip Ferrite Beads, 1206 Series
|
Murata Manufacturing Co., Ltd. MURATA MANUFACTURING CO LTD
|
M38023E7 M38022E3 M38021E2 M38025M2 M38025M1 M3802 |
RAM size: 256bytes; single-chip 8-bit CMOS microcomputer RAM size: 192bytes; single-chip 8-bit CMOS microcomputer 1-Ch. 10-Bit 1.25 MSPS ADC 8-Ch., DSP/SPI, Hardware Configurable, Low Power 24-SOIC -40 to 85 TRANS PREBIASED NPN 200MW SOT-23 Screwless Socket Brdg.(50 pk) 8-BIT SINGLE-CHIP MICROCOMPUTER R1 单芯位CMOS微机 Single Output LDO, 500mA, Fixed(2.5V), Tight Output Accuracy of 2%, Thermal Overload Protection 20-TSSOP 0 to 125 单芯位CMOS微机 SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER 单芯位CMOS微机 Single Chip 8-Bit CMOS Microcomputer Single Chip 8-bit Microcomputer RAM size: 384bytes; single-chip 8-bit CMOS microcomputer RAM size: 512bytes; single-chip 8-bit CMOS microcomputer RAM size: 640bytes; single-chip 8-bit CMOS microcomputer RAM size: 1024bytes; single-chip 8-bit CMOS microcomputer RAM size: 768bytes; single-chip 8-bit CMOS microcomputer
|
Mitsubishi Electric Sem... http:// Mitsubishi Electric Corporation Mitsubishi Electric, Corp.
|
LC86104A |
Liquid Crystal Display Controller/ Driver, On-chip 4K bytes ROM and On-chip 168 bytes RAM 8-BIT SINGLE CHIP MICROCOMPUTER LC86104A
|
SANYO
|
BMB0805A-110 BMB0603A-121 BMB0603A-600 BMB0603A-80 |
1 FUNCTIONS, 0.3 A, FERRITE CHIP 1 FUNCTIONS, 0.2 A, FERRITE CHIP 1 FUNCTIONS, 0.6 A, FERRITE CHIP Surface Mount Multilayer Chip Beads, 0402 - 1812 Industry Sizes
|
BI TECHNOLOGIES CORP BITECH[Bi technologies] http://
|
M38047M6-XXXFP M38047M6-XXXHP M38047M6-XXXSP M3804 |
3803/04 Group: General Purpose, with Flash RAM size: 256bytes; single-chip 8-bit CMOS microcomputer RAM size: 640bytes; single-chip 8-bit CMOS microcomputer RAM size: 896bytes; single-chip 8-bit CMOS microcomputer RAM size: 512bytes; single-chip 8-bit CMOS microcomputer RAM size: 768bytes; single-chip 8-bit CMOS microcomputer RAM size: 384bytes; single-chip 8-bit CMOS microcomputer RAM size: 1024bytes; single-chip 8-bit CMOS microcomputer RAM size: 2048bytes; single-chip 8-bit CMOS microcomputer RAM size: 1536bytes; single-chip 8-bit CMOS microcomputer RAM size: 192bytes; single-chip 8-bit CMOS microcomputer Single Chip 8-bit Microcomputer
|
Mitsubishi Electric Corporation
|
3820GROUP E3820G M38207E8HP 3820 M38203M2LXXXFP M3 |
8-BIT SINGLE-CHIP MICROCOMPUTER SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER 单芯位CMOS微机 From old datasheet system 3819 Series Microcontrollers: On-Chip Segment FLD Drivers with A-D/D-A Converters RAM size: 192 bytes; single-chip 8-bit CMOS microcomputer
|
Mitsubishi Electric, Corp. Mitsubishi Electric Corporation Mitsubishi Electric Semiconductor
|
CR1206-8W-2150DT CR1206-8W-1R50DT CR1206-8W-120JT- |
RESISTOR, 0.125 W, 0.5 %, 50 ppm, 215 ohm, SURFACE MOUNT, 1206 CHIP, ROHS COMPLIANT RESISTOR, 0.125 W, 0.5 %, 50 ppm, 1.5 ohm, SURFACE MOUNT, 1206 CHIP, ROHS COMPLIANT RESISTOR, 0.125 W, 5 %, 200 ppm, 12 ohm, SURFACE MOUNT, 1206 CHIP, ROHS COMPLIANT RESISTOR, 0.125 W, 2 %, 200 ppm, 3.6 ohm, SURFACE MOUNT, 1206 CHIP, ROHS COMPLIANT RESISTOR, 0.125 W, 0.5 %, 50 ppm, 12.6 ohm, SURFACE MOUNT, 1206 CHIP, ROHS COMPLIANT RESISTOR, 0.125 W, 1 %, 100 ppm, 19.6 ohm, SURFACE MOUNT, 1206 CHIP, ROHS COMPLIANT RESISTOR, 0.125 W, 1 %, 100 ppm, 22.6 ohm, SURFACE MOUNT, 1206 CHIP, ROHS COMPLIANT RESISTOR, 0.125 W, 0.5 %, 50 ppm, 1500 ohm, SURFACE MOUNT, 1206 CHIP, ROHS COMPLIANT RESISTOR, 0.125 W, 0.5 %, 50 ppm, 12.1 ohm, SURFACE MOUNT, 1206 CHIP, ROHS COMPLIANT RESISTOR, 0.125 W, 0.5 %, 50 ppm, 85.6 ohm, SURFACE MOUNT, 1206 CHIP, ROHS COMPLIANT RESISTOR, 0.125 W, 0.5 %, 50 ppm, 10.6 ohm, SURFACE MOUNT, 1206 CHIP, ROHS COMPLIANT RESISTOR, 0.125 W, 0.5 %, 50 ppm, 505 ohm, SURFACE MOUNT, 1206 CHIP, ROHS COMPLIANT RESISTOR, 0.125 W, 0.5 %, 50 ppm, 24.6 ohm, SURFACE MOUNT, 1206 CHIP, ROHS COMPLIANT RESISTOR, 0.125 W, 5 %, 200 ppm, 15 ohm, SURFACE MOUNT, 0805 CHIP, ROHS COMPLIANT RESISTOR, 0.125 W, 0.5 %, 50 ppm, 105 ohm, SURFACE MOUNT, 1206 CHIP, ROHS COMPLIANT RESISTOR, 0.125 W, 0.5 %, 50 ppm, 365 ohm, SURFACE MOUNT, 1206 CHIP, ROHS COMPLIANT RESISTOR, 0.125 W, 0.5 %, 50 ppm, 60.4 ohm, SURFACE MOUNT, 1206 CHIP, ROHS COMPLIANT RESISTOR, 0.125 W, 1 %, 100 ppm, 60.4 ohm, SURFACE MOUNT, 1206 CHIP, ROHS COMPLIANT RESISTOR, 0.125 W, 0.5 %, 50 ppm, 50.5 ohm, SURFACE MOUNT, 1206 CHIP, ROHS COMPLIANT RESISTOR, 0.125 W, 0.5 %, 50 ppm, 115 ohm, SURFACE MOUNT, 1206 CHIP, ROHS COMPLIANT RESISTOR, 0.125 W, 0.5 %, 50 ppm, 150 ohm, SURFACE MOUNT, 1206 CHIP, ROHS COMPLIANT RESISTOR, 0.125 W, 0.5 %, 50 ppm, 255 ohm, SURFACE MOUNT, 1206 CHIP, ROHS COMPLIANT RESISTOR, 0.125 W, 0.5 %, 50 ppm, 305 ohm, SURFACE MOUNT, 1206 CHIP, ROHS COMPLIANT RESISTOR, 0.125 W, 2 %, 200 ppm, 12 ohm, SURFACE MOUNT, 1206 CHIP, ROHS COMPLIANT RESISTOR, 0.125 W, 0.5 %, 50 ppm, 12 ohm, SURFACE MOUNT, 1206 CHIP, ROHS COMPLIANT RESISTOR, 0.125 W, 0.5 %, 50 ppm, 15 ohm, SURFACE MOUNT, 1206 CHIP, ROHS COMPLIANT RESISTOR, 0.125 W, 1 %, 100 ppm, 15 ohm, SURFACE MOUNT, 1206 CHIP, ROHS COMPLIANT RESISTOR, 0.125 W, 1 %, 100 ppm, 15.4 ohm, SURFACE MOUNT, 1206 CHIP, ROHS COMPLIANT RESISTOR, 0.125 W, 5 %, 200 ppm, 68 ohm, SURFACE MOUNT, 0805 CHIP, ROHS COMPLIANT RESISTOR, 0.125 W, 2 %, 200 ppm, 68 ohm, SURFACE MOUNT, 1206 CHIP, ROHS COMPLIANT RESISTOR, 0.125 W, 1 %, 100 ppm, 68.1 ohm, SURFACE MOUNT, 1206 CHIP, ROHS COMPLIANT RESISTOR, 0.125 W, 1 %, 200 ppm, 7.68 ohm, SURFACE MOUNT, 1206 CHIP, ROHS COMPLIANT RESISTOR, 0.125 W, 0.5 %, 50 ppm, 6.73 ohm, SURFACE MOUNT, 1206 CHIP, ROHS COMPLIANT RESISTOR, 0.125 W, 1 %, 100 ppm, 73.2 ohm, SURFACE MOUNT, 1206 CHIP, ROHS COMPLIANT RESISTOR, 0.125 W, 5 %, 200 ppm, 1.3 ohm, SURFACE MOUNT, 0805 CHIP, ROHS COMPLIANT RESISTOR, 0.125 W, 1 %, 100 ppm, 1000000 ohm, SURFACE MOUNT, 1206 CHIP, ROHS COMPLIANT RESISTOR, 0.125 W, 1 %, 100 ppm, 102 ohm, SURFACE MOUNT, 1206 CHIP, ROHS COMPLIANT RESISTOR, 0.125 W, 1 %, 100 ppm, 10200 ohm, SURFACE MOUNT, 1206 CHIP, ROHS COMPLIANT RESISTOR, 0.125 W, 1 %, 100 ppm, 102000 ohm, SURFACE MOUNT, 1206 CHIP, ROHS COMPLIANT RESISTOR, 0.125 W, 1 %, 100 ppm, 13 ohm, SURFACE MOUNT, 1206 CHIP, ROHS COMPLIANT RESISTOR, 0.125 W, 1 %, 200 ppm, 1.13 ohm, SURFACE MOUNT, 1206 CHIP, ROHS COMPLIANT RESISTOR, 0.125 W, 0.5 %, 50 ppm, 3.01 ohm, SURFACE MOUNT, 1206 CHIP, ROHS COMPLIANT RESISTOR, 0.125 W, 1 %, 200 ppm, 3.01 ohm, SURFACE MOUNT, 1206 CHIP, ROHS COMPLIANT RESISTOR, 0.063 W, 1 %, 100 ppm, 590000 ohm, SURFACE MOUNT, 0603 CHIP, ROHS COMPLIANT RESISTOR, 0.125 W, 5 %, 200 ppm, 1.8 ohm, SURFACE MOUNT, 0805 CHIP, ROHS COMPLIANT RESISTOR, 0.125 W, 0.5 %, 50 ppm, 68.1 ohm, SURFACE MOUNT, 1206 CHIP, ROHS COMPLIANT RESISTOR, 0.125 W, 1 %, 100 ppm, 1020 ohm, SURFACE MOUNT, 1206 CHIP, ROHS COMPLIANT RESISTOR, 0.125 W, 2 %, 200 ppm, 1.6 ohm, SURFACE MOUNT, 1206 CHIP, ROHS COMPLIANT RESISTOR, 0.125 W, 0.5 %, 50 ppm, 145 ohm, SURFACE MOUNT, 1206 CHIP, ROHS COMPLIANT RESISTOR, 0.125 W, 0.5 %, 50 ppm, 15000000 ohm, SURFACE MOUNT, 1206 CHIP, ROHS COMPLIANT RESISTOR, 0.125 W, 0.5 %, 50 ppm, 15.4 ohm, SURFACE MOUNT, 1206 CHIP, ROHS COMPLIANT RESISTOR, 0.125 W, 1 %, 100 ppm, 100000 ohm, SURFACE MOUNT, 1206 CHIP, ROHS COMPLIANT RESISTOR, 0.125 W, 1 %, 200 ppm, 1020000 ohm, SURFACE MOUNT, 1206 CHIP, ROHS COMPLIANT
|
Venkel, Ltd.
|
LC86104C LC86108C |
Liquid Crystal Display Controller/ Driver, On-chip 4K bytes ROM or 8K Bytes ROM and On-chip 168 bytes RAM 8-BIT SINGLE CHIP MICROCOMPUTER LC86104C/LC86108C
|
SANYO
|
QPI-11LZ-01 |
7 A V隆陇I Chip EMI Filter 7 A V・I Chip EMI Filter 1 FUNCTIONS, 50 V, 7 A, FERRITE CHIP ROHS COMPLIANT, LGA-10
|
Vicor Corporation
|
MPSA12DA MPSA12DB MPSA12DC MPSA42DB MPSA42DC MPSA4 |
TRANSISTOR | BJT | PNP | 150V V(BR)CEO | CHIP 晶体管|晶体管|进步党| 150伏五(巴西)总裁|芯片 TRANSISTOR | BJT | DARLINGTON | NPN | 60V V(BR)CEO | CHIP 晶体管|晶体管|达林顿|叩| 60V的五(巴西)总裁|芯片 TRANSISTOR | BJT | NPN | 140V V(BR)CEO | CHIP 晶体管|晶体管| npn型| 140伏特五(巴西)总裁|芯片 TRANSISTOR | BJT | PNP | 300V V(BR)CEO | CHIP TRANSISTOR | BJT | DARLINGTON | NPN | 30V V(BR)CEO | CHIP TRANSISTOR | BJT | NPN | 300V V(BR)CEO | CHIP TRANSISTOR|BJT|DARLINGTON|NPN|CHIP
TRANSISTOR|BJT|DARLINGTON|NPN|30VV(BR)CEO|CHIP
|
Zetex Semiconductor PLC Central Semiconductor, Corp. Cypress Semiconductor, Corp.
|
ICL7104 ICL7104-14CPL ICL8052 ICL8068 LCL8052CDD L |
14-Bit/16-Bit/ Microprocessor- Compatible/ 2-Chip/ A/D Converter 14-Bit/16-Bit Microprocessor 14-Bit/16-Bit / Microprocessor- Compatible / 2-Chip / A/D Converter 14-BitMicroprocessor-Compatible,
2-Chip, A/D Converter(14位、微处理器兼容的2片A/D转换 16-Bit, Microprocessor-Compatible, 2-Chip, A/D Converter(16位、微处理器兼容的2片ADC) 16位微处理器兼容,2芯片,A / D转换16位,微处理器兼容片ADC)的 16-Bit, Microprocessor-Compatible, 2-Chip, A/D Converter(16浣??寰??????煎?????DC)
|
Intersil Corporation Intersil, Corp.
|
|